| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1938-E/ML bảng dữ liệu(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1938-E/ML bảng dữ liệu(HTML) 95 Page - Microchip Technology |
|
95 / 508 page ![]() 2009 Microchip Technology Inc. Preliminary DS41364D-page 95 PIC16F193X/LF193X 7.1 Operation Interrupts are disabled upon any device Reset. They are enabled by setting the following bits: • GIE bit of the INTCON register • Interrupt Enable bit(s) for the specific interrupt event(s) • PEIE bit of the INTCON register (if the Interrupt Enable bit of the interrupt event is contained in the PIE1, PIE2 and PIE3 registers) The INTCON, PIR1, PIR2 and PIR3 registers record individual interrupts via interrupt flag bits. Interrupt flag bits will be set, regardless of the status of the GIE, PEIE and individual interrupt enable bits. The following events happen when an interrupt event occurs while the GIE bit is set: • Current prefetched instruction is flushed • GIE bit is cleared • Current Program Counter (PC) is pushed onto the stack • Critical registers are automatically saved to the shadow registers (See Section 7.5 “Automatic Context Saving” ) • PC is loaded with the interrupt vector 0004h The firmware within the Interrupt Service Routine (ISR) should determine the source of the interrupt by polling the interrupt flag bits. The interrupt flag bits must be cleared before exiting the ISR to avoid repeated interrupts. Because the GIE bit is cleared, any interrupt that occurs while executing the ISR will be recorded through its interrupt flag, but will not cause the processor to redirect to the interrupt vector. The RETFIE instruction exits the ISR by popping the previous address from the stack, restoring the saved context from the shadow registers and setting the GIE bit. For additional information on a specific interrupt’s operation, refer to its peripheral chapter. 7.2 Interrupt Latency Interrupt latency is defined as the time from when the interrupt event occurs to the time code execution at the interrupt vector begins. The latency for synchronous interrupts is 3 or 4 instruction cycles. For asynchronous interrupts, the latency is 3 to 5 instruction cycles, depending on when the interrupt occurs. See Figure 7-3 and Figure 7-4 for more details. Note 1: Individual interrupt flag bits are set, regardless of the state of any other enable bits. 2: All interrupts will be ignored while the GIE bit is cleared. Any interrupt occurring while the GIE bit is clear will be serviced when the GIE bit is set again. |