| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F519 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 96 page ![]() PIC12F519 DS41319B-page 20 © 2008 Microchip Technology Inc. 4.8 Indirect Data Addressing: INDF and FSR Registers The INDF register is not a physical register. Addressing INDF actually addresses the register whose address is contained in the FSR register ( FSR is a pointer). This is indirect addressing. Reading INDF itself indirectly (FSR = 0) will produce 00h. Writing to the INDF register indirectly results in a no-operation (although Status bits may be affected). The FSR is an 8-bit wide register. It is used in conjunc- tion with the INDF Register to indirectly address the data memory area. The FSR<4:0> bits are used to select data memory addresses 00h to 1Fh. FSR<5> is used to select between banks (0 = Bank 0, 1 =Bank 1). FSR<7:6> are unimplemented and read as ‘11’. EXAMPLE 4-1: HOW TO CLEAR RAM USING INDIRECT ADDRESSING FIGURE 4-4: DIRECT/INDIRECT ADDRESSING MOVLW 0x10 ;initialize pointer MOVWF FSR ;to RAM NEXT CLRF INDF ;clear INDF ;register INCF FSR,F ;inc pointer BTFSC FSR,4 ;all done? GOTO NEXT ;NO, clear next CONTINUE : ;YES, continue : Bank Location Select Location Select Bank Select Indirect Addressing Direct Addressing Data Memory 0Fh 10h Bank 0 Bank 1 0 4 5(FSR) 01 00h 1Fh 3Fh (opcode) 0 4 5 (FSR) |