công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F616-E/SL bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện PIC16F616-E/SL
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/SL bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button PIC16F616-E/SL Datasheet HTML 2Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 3Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 4Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 5Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 6Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 7Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 8Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 9Page - Microchip Technology PIC16F616-E/SL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 6
© 2009 Microchip Technology Inc.
PIC16F610/16HV610 16-Pin Diagram (QFN)
TABLE 3:
PIC16F610/16HV610
16-PIN SUMMARY
I/O
Pin
Comparators
Timers
Interrupts
Pull-ups
Basic
RA0
12
C1IN+
—
IOC
Y
ICSPDAT
RA1
11
C12IN0-
—
IOC
Y
ICSPCLK
RA2
10
C1OUT
T0CKI
INT/IOC
Y
—
RA3(1)
3—
—
IOC
Y(2)
MCLR/VPP
RA4
2
—
T1G
IOC
Y
OSC2/CLKOUT
RA5
1
—
T1CKI
IOC
Y
OSC1/CLKIN
RC0
9
C2IN+
—
—
—
—
RC1
8
C12IN1-
—
—
—
—
RC2
7
C12IN2-
—
—
—
—
RC3
6
C12IN3-
—
—
—
—
RC4
5
C2OUT
—
—
—
—
RC5
4
—
—
—
—
—
—
16
—
—
—
—
VDD
—13
—
—
—
—
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
1
2
3
4
9
10
11
12
PIC16F610/
PIC16HV610
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5
RA0/C1IN+/ICSPDAT
RA1/C12IN0-/ICSPCLK
RA2/T0CKI/INT/C1OUT
RC0/C2IN1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More