| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2X1X bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X1X bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 376 page ![]() PIC18F2X1X/4X1X DS39636D-page 12 © 2009 Microchip Technology Inc. TABLE 1-2: DEVICE FEATURES (PIC18F4410/4415/4510/4515/4610) Features PIC18F4410 PIC18F4510 PIC18F4515 PIC18F4610 Operating Frequency DC – 40 MHz DC – 40 MHz DC – 40 MHz DC – 40 MHz Program Memory (Bytes) 16384 32768 49152 65536 Program Memory (Instructions) 8192 16384 24576 32768 Data Memory (Bytes) 768 1536 3968 3968 Interrupt Sources 19 19 19 19 I/O Ports Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E Timers 4 444 Capture/Compare/PWM Modules 1 1 1 1 Enhanced Capture/Compare/PWM Modules 1 111 Serial Communications MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART Parallel Communications (PSP) Yes Yes Yes Yes 10-Bit Analog-to-Digital Module 13 Input Channels 13 Input Channels 13 Input Channels 13 Input Channels Resets (and Delays) POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT Programmable High/Low-Voltage Detect Yes Yes Yes Yes Programmable Brown-out Reset Yes Yes Yes Yes Instruction Set 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled Packages 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP |