công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-E/ML bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện PIC16F883-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/ML bảng dữ liệu(HTML) 5 Page - Microchip Technology

  PIC16F883-E/ML Datasheet HTML 1Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 2Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 3Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 4Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 5Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 6Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 7Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 8Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 3
PIC16F882/883/884/886/887
Pin Diagrams – PIC16F882/883/886, 28-Pin PDIP, SOIC, SSOP
TABLE 1:
PIC16F882/883/886 28-PIN SUMMARY (PDIP, SOIC, SSOP)
I/O
Pin
Analog
Comparators
Timers
ECCP
EUSART
MSSP
Interrupt Pull-up
Basic
RA0
2
AN0/ULPWU
C12IN0-
—
—
—
—
—
—
—
RA1
3
AN1
C12IN1-
—
—
—
—
—
—
—
RA2
4
AN2
C2IN+
—
—
—
—
—
—
VREF-/CVREF
RA3
5
AN3
C1IN+
—
—
—
—
—
—
VREF+
RA4
6
—
C1OUT
T0CKI
—
—
—
—
—
—
RA5
7
AN4
C2OUT
—
—
—
SS
——
—
RA6
10
—
—
—
—
—
—
—
—
OSC2/CLKOUT
RA7
9
—
—
—
—
—
—
—
—
OSC1/CLKIN
RB0
21
AN12
—
—
—
—
—
IOC/INT
Y
—
RB1
22
AN10
C12IN3-
—
P1C
—
—
IOC
Y
—
RB2
23
AN8
—
—
P1B
—
—
IOC
Y
—
RB3
24
AN9
C12IN2-
—
—
—
—
IOC
Y
PGM
RB4
25
AN11
—
—
P1D
—
—
IOC
Y
—
RB5
26
AN13
—
T1G
—
—
—
IOC
Y
—
RB6
27
—
—
—
—
—
—
IOC
Y
ICSPCLK
RB7
28
—
—
—
—
—
—
IOC
Y
ICSPDAT
RC0
11
—
—
T1OSO/T1CKI
—
—
—
—
—
—
RC1
12
—
—
T1OSI
CCP2
—
—
—
—
—
RC2
13
—
—
—
CCP1/P1A
—
—
—
—
—
RC3
14
—
—
—
—
—
SCK/SCL
—
—
—
RC4
15
—
—
—
—
—
SDI/SDA
—
—
—
RC5
16
—
—
—
—
—
SDO
—
—
—
RC6
17
—
—
—
—
TX/CK
—
—
—
—
RC7
18
—
—
—
—
RX/DT
—
—
—
—
RE3
1
—
—
—
—
—
—
—
Y(1)
MCLR/VPP
—20
—
—
—
—
—
—
—
—
VDD
—
8
—
—
—
—
—
—
—
—
VSS
—19
—
—
—
—
—
—
—
—
VSS
Note
1:
Pull-up activated only with external MCLR configuration.
10
11
2
3
4
5
6
1
8
7
9
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
22
21
RE3/MCLR/VPP
RA0/AN0/ULPWU/C12IN0-
RA1/AN1/C12IN1-
RA2/AN2/VREF-/CVREF/C2IN+
RA3/AN3/VREF+/C1IN+
RA4/T0CKI/C1OUT
RA5/AN4/SS/C2OUT
VSS
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/P1A/CCP1
RC3/SCK/SCL
RB7/ICSPDAT
RB6/ICSPCLK
RB5/AN13/T1G
RB4/AN11/P1D
RB3/AN9/PGM/C12IN2-
RB2/AN8/P1B
RB1/AN10/P1C/C12IN3-
RB0/AN12/INT
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
28-pin PDIP, SOIC, SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More