| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/P bảng dữ liệu(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/P bảng dữ liệu(HTML) 77 Page - Microchip Technology |
|
77 / 214 page ![]() © 2009 Microchip Technology Inc. DS41288F-page 77 PIC16F610/616/16HV610/616 EXAMPLE 9-1: A/D CONVERSION ;This code block configures the ADC ;for polling, Vdd reference, Frc clock ;and AN0 input. ; ;Conversion start & polling for completion ; are included. ; BANKSEL ADCON1 ; MOVLW B’01110000’ ;ADC Frc clock MOVWF ADCON1 ; BANKSEL TRISA ; BSF TRISA,0 ;Set RA0 to input BANKSEL ANSEL ; BSF ANSEL,0 ;Set RA0 to analog BANKSEL ADCON0 ; MOVLW B’10000001’ ;Right justify, MOVWF ADCON0 ;Vdd Vref, AN0, On CALL SampleTime ;Acquisiton delay BSF ADCON0,GO ;Start conversion BTFSC ADCON0,GO ;Is conversion done? GOTO $-1 ;No, test again BANKSEL ADRESH ; MOVF ADRESH,W ;Read upper 2 bits MOVWF RESULTHI ;store in GPR space BANKSEL ADRESL ; MOVF ADRESL,W ;Read lower 8 bits MOVWF RESULTLO ;Store in GPR space |