| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2011 bảng dữ liệu(PDF) 94 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011 bảng dữ liệu(HTML) 94 Page - Microchip Technology |
|
94 / 206 page ![]() TABLE 13-1: SPI1 REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State SPI1STAT 0220 SPIEN — SPISIDL — — — — — — SPIROV — — — —SPITBF SPIRBF 0000 0000 0000 0000 SPI1CON 0222 — FRMEN SPIFSD — DISSDO MODE16 SMP CKE SSEN CKP MSTEN SPRE2 SPRE1 SPRE0 PPRE1 PPRE0 0000 0000 0000 0000 SPI1BUF 0224 Transmit and Receive Buffer 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ Note: Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |