công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F631-E/ML bảng dữ liệu(PDF) 34 Page - Microchip Technology

tên linh kiện PIC16F631-E/ML
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F631-E/ML bảng dữ liệu(HTML) 34 Page - Microchip Technology

Back Button PIC16F631-E/ML Datasheet HTML 30Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 31Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 32Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 33Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 34Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 35Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 37Page - Microchip Technology PIC16F631-E/ML Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 32
© 2008 Microchip Technology Inc.
TABLE 2-1:
PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
44,205
01h
TMR0
Timer0 Module Register
xxxx xxxx
81,205
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
44,205
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
36,205
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
44,205
05h
PORTA(7)
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
59,205
06h
PORTB(7)
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
69,205
07h
PORTC(7)
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
76,205
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
44,205
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF(1)
0000 000x
38,205
0Ch
PIR1
—ADIF(4)
RCIF(2)
TXIF(2)
SSPIF(5)
CCP1IF(3) TMR2IF(3)
TMR1IF
-000 0000
41,205
0Dh
PIR2
OSFIF
C2IF
C1IF
EEIF
—
—
—
—
0000 ----
42,205
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
86,205
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
86,205
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON 0000 0000
88,205
11h
TMR2(3)
Timer2 Module Register
0000 0000
91,205
12h
T2CON(3)
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0
TMR2ON
T2CKPS1 T2CKPS0 -000 0000
92,205
13h
SSPBUF(5)
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
182,205
14h
SSPCON(5, 6)
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
181,205
15h
CCPR1L(3)
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
128,205
16h
CCPR1H(3)
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
128,205
17h
CCP1CON(3)
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 0000 0000
127,205
18h
RCSTA(2)
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
161,205
19h
TXREG(2)
EUSART Transmit Data Register
0000 0000
153
1Ah
RCREG(2)
EUSART Receive Data Register
0000 0000
158
1Bh
—
Unimplemented
—
—
1Ch
PWM1CON(3)
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
145,205
1Dh
ECCPAS(3)
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0 0000 0000
142,205
1Eh
ADRESH(4)
A/D Result Register High Byte
xxxx xxxx
115,205
1Fh
ADCON0(4)
ADFM
VCFG
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
113,205
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
MCLR and WDT Reset do not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the
mismatch exists.
2:
PIC16F687/PIC16F689/PIC16F690 only.
3:
PIC16F685/PIC16F690 only.
4:
PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only.
5:
PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
6:
When SSPCON register bits SSPM<3:0> = 1001, any reads or writes to the SSPADD SFR address are accessed through the SSPMSK
register. See Registers 13-2 and 13-3 for more detail.
7:
Port pins with analog functions controlled by the ANSEL and ANSELH registers will read ‘0’ immediately after a Reset even though the
data latches are either undefined (POR) or unchanged (other Resets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com