công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F616 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện PIC16F616
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button PIC16F616 Datasheet HTML 10Page - Microchip Technology PIC16F616 Datasheet HTML 11Page - Microchip Technology PIC16F616 Datasheet HTML 12Page - Microchip Technology PIC16F616 Datasheet HTML 13Page - Microchip Technology PIC16F616 Datasheet HTML 14Page - Microchip Technology PIC16F616 Datasheet HTML 15Page - Microchip Technology PIC16F616 Datasheet HTML 16Page - Microchip Technology PIC16F616 Datasheet HTML 17Page - Microchip Technology PIC16F616 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 14
© 2009 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory (see Figure 2-4) is partitioned into
two banks, which contain the General Purpose
Registers (GPR) and the Special Function Registers
(SFR). The Special Function Registers are located in
the
first
32
locations
of
each
bank.
PIC16F610/16HV610 Register locations 40h-7Fh in
Bank 0 are General Purpose Registers, implemented
as
static
RAM.
PIC16F616/16HV616
Register
locations 20h-7Fh in Bank 0 and A0h-BFh in Bank 1
are General Purpose Registers, implemented as static
RAM. Register locations F0h-FFh in Bank 1 point to
addresses 70h-7Fh in Bank 0. All other RAM is
unimplemented and returns ‘0’ when read. The RP0 bit
of the STATUS register is the bank select bit.
RP0
0
→ Bank 0 is selected
1
→ Bank 1 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 64 x 8 in the
PIC16F610/16HV610
and
128 x 8
in
the
PIC16F616/16HV616. Each register is accessed,
either directly or indirectly, through the File Select Reg-
ister (FSR) (see Section 2.4 “Indirect Addressing,
INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral features
are described in the section of that peripheral feature.
Note:
The IRP and RP1 bits of the STATUS
register are reserved and should always be
maintained as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com