| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F690-I/ML bảng dữ liệu(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-I/ML bảng dữ liệu(HTML) 72 Page - Microchip Technology |
|
72 / 306 page ![]() PIC16F631/677/685/687/689/690 DS41262E-page 70 © 2008 Microchip Technology Inc. REGISTER 4-8: TRISB: PORTB TRI-STATE REGISTER R/W-1 R/W-1 R/W-1 R/W-1 U-0 U-0 U-0 U-0 TRISB7 TRISB6 TRISB5 TRISB4 — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-4 TRISB<7:4>: PORTB Tri-State Control bit 1 = PORTB pin configured as an input (tri-stated) 0 = PORTB pin configured as an output bit 3-0 Unimplemented: Read as ‘0’ REGISTER 4-9: WPUB: WEAK PULL-UP PORTB REGISTER R/W-1 R/W-1 R/W-1 R/W-1 U-0 U-0 U-0 U-0 WPUB7 WPUB6 WPUB5 WPUB4 — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-4 WPUB<7:4>: Weak Pull-up Register bit 1 = Pull-up enabled 0 = Pull-up disabled bit 3-0 Unimplemented: Read as ‘0’ Note 1: Global RABPU bit of the OPTION register must be enabled for individual pull-ups to be enabled. 2: The weak pull-up device is automatically disabled if the pin is in Output mode (TRISB<7:4> = 0). REGISTER 4-10: IOCB: INTERRUPT-ON-CHANGE PORTB REGISTER R/W-0 R/W-0 R/W-0 R/W-0 U-0 U-0 U-0 U-0 IOCB7 IOCB6 IOCB5 IOCB4 — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-4 IOCB<7:4>: Interrupt-on-Change PORTB Control bit 1 = Interrupt-on-change enabled 0 = Interrupt-on-change disabled bit 3-0 Unimplemented: Read as ‘0’ |