| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/ML bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/ML bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 306 page ![]() PIC16F631/677/685/687/689/690 DS41262E-page 2 © 2008 Microchip Technology Inc. PIC16F631 Pin Diagram TABLE 1: PIC16F631 PIN SUMMARY Device Program Memory Data Memory I/O 10-bit A/D (ch) Comparators Timers 8/16-bit SSP ECCP+ EUSART Flash (words) SRAM (bytes) EEPROM (bytes) PIC16F631 1024 64 128 18 — 2 1/1 No No No PIC16F677 2048 128 256 18 12 2 1/1 Yes No No PIC16F685 4096 256 256 18 12 2 2/1 No Yes No PIC16F687 2048 128 256 18 12 2 1/1 Yes No Yes PIC16F689 4096 256 256 18 12 2 1/1 Yes No Yes PIC16F690 4096 256 256 18 12 2 2/1 Yes Yes Yes I/O Pin Analog Comparators Timers Interrupt Pull-up Basic RA0 19 AN0/ULPWU C1IN+ — IOC Y ICSPDAT RA1 18 AN1 C12IN0- — IOC Y ICSPCLK RA2 17 — C1OUT T0CKI IOC/INT Y — RA3 4 — — — IOC Y(1) MCLR/VPP RA4 3 — — T1G IOC Y OSC2/CLKOUT RA5 2 — — T1CKI IOC Y OSC1/CLKIN RB4 13 — — — IOC Y — RB5 12 — — — IOC Y — RB6 11 — — — IOC Y — RB7 10 — — — IOC Y — RC0 16 AN4 C2IN+ — — — — RC1 15 AN5 C12IN1- — — — — RC2 14 AN6 C12IN2- — — — — RC3 7 AN7 C12IN3- — — — — RC4 6 — C2OUT — — — — RC5 5 — ——— — — RC6 8 — — — — — — RC7 9 — ——— — — — 1 — — — — — VDD — 20 — ——— — VSS Note 1: Pull-up enabled only with external MCLR configuration. 20-pin PDIP, SOIC, SSOP VDD RA5/T1CKI/OSC1/CLKIN RA4/T1G/OSC2/CLKOUT RA3/MCLR/VPP RC5 RC4/C2OUT RC3/C12IN3- RC6 RC7 RB7 VSS RA0/C1IN+/ICSPDAT/ULPWU RA1/C12IN0-/ICSPCLK RA2/T0CKI/INT/C1OUT RC0/C2IN+ RC1/C12IN1- RC2/C12IN2- RB4 RB5 RB6 1 2 3 4 20 19 18 17 5 6 7 16 15 14 8 9 10 13 12 11 |