| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F688-I/ST bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-I/ST bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 204 page ![]() PIC16F688 DS41203E-page 2 © 2009 Microchip Technology Inc. Pin Diagram (PDIP, SOIC, TSSOP) TABLE 1: PIC16F688 14-PIN SUMMARY (PDIP, SOIC, TSSOP) Device Program Memory Data Memory I/O 10-bit A/D (ch) Comparators Timers 8/16-bit Flash (words) SRAM (bytes) EEPROM (bytes) PIC16F688 4096 256 256 12 8 2 1/1 I/O Pin Analog Comparators Timers EUSART Interrupt Pull-up Basic RA0 13 AN0/ULPWU C1IN+ — — IOC Y ICSPDAT RA1 12 AN1 C1IN- — — IOC Y VREF/ICSPCLK RA2 11 AN2 C1OUT T0CKI — IOC/INT Y — RA3 4 — — — — IOC Y(1) MCLR/VPP RA4 3 AN3 — T1G — IOC Y OSC2/CLKOUT RA5 2 — — T1CKI — IOC Y OSC1/CLKIN RC0 10 AN4 C2IN+ — — — — — RC1 9 AN5 C2IN- — — — — — RC2 8 AN6 — — — — — — RC3 7 AN7 — — — — — — RC4 6 — C2OUT — TX/CK — — — RC5 5 — — — RX/DT — — — — 1 — — — — — — VDD —14 — — — — — — VSS Note 1: Pull-up activated only with external MCLR configuration. 14-pin PDIP, SOIC, TSSOP VDD RA5/T1CKI/OSC1/CLKIN RA4/AN3/T1G/OSC2/CLKOUT RA3/MCLR/VPP RC5/RX/DT RC4/C2OUT/TX/CK RC3/AN7 VSS RA0/AN0/C1IN+/ICSPDAT/ULPWU RA1/AN1/C1IN-/VREF/ICSPCLK RA2/AN2/T0CKI/INT/C1OUT RC0/AN4/C2IN+ RC1/AN5/C2IN- RC2/AN6 1 2 3 4 5 6 7 14 13 12 9 11 10 8 |