| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F688-E/ML bảng dữ liệu(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ML bảng dữ liệu(HTML) 86 Page - Microchip Technology |
|
86 / 204 page ![]() PIC16F688 DS41203E-page 84 © 2009 Microchip Technology Inc. FIGURE 10-2: EUSART RECEIVE BLOCK DIAGRAM The operation of the EUSART module is controlled through three registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) • Baud Rate Control (BAUDCTL) These registers are detailed in Register 10-1, Register 10-2 and Register 10-3, respectively. RX/DT pin Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 Stop START (8) 7 1 0 RX9 • • • SPBRG SPBRGH BRG16 RCIDL FOSC ÷ n n + 1 Multiplier x4 x16 x64 SYNC 1X00 0 BRGH X110 0 BRG16 X101 0 Baud Rate Generator |