công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F04KA201T-I/ST bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện PIC24F04KA201T-I/ST
Giải thích chi tiết về linh kiện  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/ST bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button PIC24F04KA201T-I/ST Datasheet HTML 45Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 46Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 47Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 48Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 49Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 50Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 51Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 52Page - Microchip Technology PIC24F04KA201T-I/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 47
PIC24F04KA201 FAMILY
EXAMPLE 5-2:
ERASING A PROGRAM MEMORY ROW – ‘C’ LANGUAGE CODE
// C example using MPLAB C30
int __attribute__ ((space(auto_psv))) progAddr = &progAddr;
// Variable located in Pgm Memory
unsigned int offset;
//Set up pointer to the first memory location to be written
TBLPAG = __builtin_tblpage(&progAddr);
// Initialize PM Page Boundary SFR
offset = &progAddr & 0xFFFF;
// Initialize lower word of address
__builtin_tblwtl(offset, 0x0000);
// Set base address of erase block
// with dummy latch write
NVMCON = 0x4058;
// Initialize NVMCON
asm("DISI #5");
// Block all interrupts for next 5 instructions
__builtin_write_NVM();
// C30 function to perform unlock
// sequence and set WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More