| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA5962FVM bảng dữ liệu(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA5962FVM bảng dữ liệu(HTML) 2 Page - Rohm |
|
2 / 6 page ![]() 2/5 REV. A ELECTRIC CHARACTERISTICS (Ta=25 °C, Vcc=5V, VBIAS=1.65V, RL=50Ω, unless otherwise noted.) Parameter Symbol MIN. TYP. MAX. Unit Condition Quiescent Circuit Current IQ - 3 6 mA Driver part Input Voltage Range VINR 0 - VCC V Output Offset Voltage VOOF -40 - 40 mV Vin=BIAS=1.65V Maximum Output Amplitude VOM 3.7 4.1 - V Closed Circuit Voltage Gain 1 (Input IN1) GVC1 10 12 14 dB Vin=1.35V, 1.95V Closed Circuit Voltage Gain 2 (Input IN2) GVC2 16 18 20 dB Vin=1.35V, 1.95V Standby ON Voltage VSTON - - 0.5 V Standby OFF Voltage VSTOFF 2.0 - - V Bias Drop Mute ON Voltage VBMON - - 0.4 V Bias Drop Mute OFF Voltage VBMOFF 1.0 - - V *Not designed for radiation resistance. OUTLINE DIMENSIONS, SYMBOLS (UNIT:mm) Product number (MAX 3.25 include BURR) |