| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
11AA080-ECS16K bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
11AA080-ECS16K bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 44 page ![]() 11AAXXX/11LCXXX DS22067H-page 2 Preliminary 2010 Microchip Technology Inc. DEVICE SELECTION TABLE Part Number Density (bits) Organization VCC Range Page Size (Bytes) Temp. Ranges Device Address Packages 11LC010 1K 128 x 8 2.5-5.5V 16 I,E 0xA0 P, SN, MS, MN, TO, TT 11AA010 1K 128 x 8 1.8-5.5V 16 I 0xA0 P, SN, MS, MN, TO, TT, CS 11LC020 2K 256 x 8 2.5-5.5V 16 I,E 0xA0 P, SN, MS, MN, TO, TT 11AA020 2K 256 x 8 1.8-5.5V 16 I 0xA0 P, SN, MS, MN, TO, TT, CS 11LC040 4K 512 x 8 2.5-5.5V 16 I,E 0xA0 P, SN, MS, MN, TO, TT 11AA040 4K 512 x 8 1.8-5.5V 16 I 0xA0 P, SN, MS, MN, TO, TT, CS 11LC080 8K 1,024 x 8 2.5-5.5V 16 I,E 0xA0 P, SN, MS, MN, TO, TT 11AA080 8K 1,024 x 8 1.8-5.5V 16 I 0xA0 P, SN, MS, MN, TO, TT, CS 11LC160 16K 2,048 x 8 2.5-5.5V 16 I,E 0xA0 P, SN, MS, MN, TO, TT 11AA160 16K 2,048 x 8 1.8-5.5V 16 I 0xA0 P, SN, MS, MN, TO, TT,CS 11LC161 16K 2,048 x 8 2.5-5.5V 16 I, E 0xA1 P, SN, MS, MN, TO, TT 11AA161 16K 2,048 x 8 1.8-5.5V 16 I 0xA1 P, SN, MS, MN, TO, TT, CS |