| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1759 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1759 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 2 page ![]() Selector Guide Part Number Max Clock (MHz) Flash (KB) SRAM (KB) Ethernet USB CAN I2S ADC DAC I2C I/O Pins Package LPC1769 120 512 64 Y Device/Host/OTG 2 Y 8 Y 3 70 LQFP100 LPC1768 100 512 64 Y Device/Host/OTG 2 Y 8 Y 3 70 LQFP100 LPC1767 100 512 64 Y None 0 Y 8 Y 3 70 LQFP100 LPC1766 100 256 64 Y Device/Host/OTG 2 Y 8 Y 3 70 LQFP100 LPC1765 100 256 64 N Device/Host/OTG 2 Y 8 Y 3 70 LQFP100 LPC1764 100 128 32 Y Device 2 N 8 N 3 70 LQFP100 LPC1759 120 512 64 N Device/Host/OTG 2 Y 6 Y 2 52 LQFP80 LPC1758 100 512 64 Y Device/Host/OTG 2 Y 6 Y 2 52 LQFP80 LPC1756 100 256 32 N Device/Host/OTG 2 Y 6 Y 2 52 LQFP80 LPC1754 100 128 32 N Device/Host/OTG 1 N 6 Y 2 52 LQFP80 LPC1752 100 64 16 N Device 1 N 6 N 2 52 LQFP80 LPC1751 100 32 8 N Device 1 N 6 N 2 52 LQFP80 LPC1700 Block Diagram Up to 64 KB SRAM SRAM Controller 3 × I2C FM+ I2S 2 × CAN2.0B 4 × UARTs RS485/IrDA/Modem 3 × SSP/SPI 12-bit/8-ch ADC 10-bit DAC 4 × 32-bit Timers Quad Encoder Interface Motor Control PWM Multi-layer AHB Matrix Advanced Peripheral Bus Ethernet MAC DMA USB Host/OTG/D PHY PLL DMA GP DMA FLASH Test/ Debug Cortex-M3 Core Nested VIC CPU PLL Brown Out Detect Power On Reset MPU Trace FLASH Accelerator The LPC176x devices are available in an LQFP100 package while the LPC175x MCUs are offered in an LQFP80 package. The LPC1700 series is pin compatible with the popular NXP LPC2300 series of ARM7 microcontrollers, allowing designers to compare the M3 and ARM7 cores in the same socket and simply choose the microcontroller that is best for their application. With its wide array of peripherals and high performance, the LPC1700 is ideal for e-Metering, lighting, industrial networking, alarm systems, white goods and motor control applications. Third-Party Development Tools The following featured development tools will support the NXP LPC1700 series: } Evaluation Boards - Embedded Artists - Hitex LPC17xx-Stick - mbed LPC1768 board - IAR KSDK-LPC17xx - Keil MCB17xx } IDEs - Hitex HiTOP IDE - IAR Embedded Workbench for ARM (EWARM) - Keil µVision3 - CodeRed Eclipse-based Red Suite - NXP LPCXpresso } JTAG debuggers - All debuggers supporting Cortex- M3™ For more information on our development tools please visit www.nxp.com/microcontrollers www.nxp.com Date of release: December 2009 Document order number: 9397 750 16846 Printed in the Netherlands ©2009 NXP B.V. All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. |