công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC1765 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện LPC1765
Giải thích chi tiết về linh kiện  Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  LPC1765 Datasheet HTML 1Page - NXP Semiconductors LPC1765 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Selector Guide
Part Number
Max Clock
(MHz)
Flash
(KB)
SRAM
(KB)
Ethernet
USB
CAN
I2S
ADC
DAC
I2C
I/O
Pins
Package
LPC1769
120
512
64
Y
Device/Host/OTG
2
Y
8
Y
3
70
LQFP100
LPC1768
100
512
64
Y
Device/Host/OTG
2
Y
8
Y
3
70
LQFP100
LPC1767
100
512
64
Y
None
0
Y
8
Y
3
70
LQFP100
LPC1766
100
256
64
Y
Device/Host/OTG
2
Y
8
Y
3
70
LQFP100
LPC1765
100
256
64
N
Device/Host/OTG
2
Y
8
Y
3
70
LQFP100
LPC1764
100
128
32
Y
Device
2
N
8
N
3
70
LQFP100
LPC1759
120
512
64
N
Device/Host/OTG
2
Y
6
Y
2
52
LQFP80
LPC1758
100
512
64
Y
Device/Host/OTG
2
Y
6
Y
2
52
LQFP80
LPC1756
100
256
32
N
Device/Host/OTG
2
Y
6
Y
2
52
LQFP80
LPC1754
100
128
32
N
Device/Host/OTG
1
N
6
Y
2
52
LQFP80
LPC1752
100
64
16
N
Device
1
N
6
N
2
52
LQFP80
LPC1751
100
32
8
N
Device
1
N
6
N
2
52
LQFP80
LPC1700 Block Diagram
Up to 64 KB
SRAM
SRAM
Controller
3 × I2C
FM+
I2S
2 ×
CAN2.0B
4 × UARTs
RS485/IrDA/Modem
3 ×
SSP/SPI
12-bit/8-ch
ADC
10-bit
DAC
4 × 32-bit
Timers
Quad Encoder
Interface
Motor
Control PWM
Multi-layer AHB Matrix
Advanced Peripheral Bus
Ethernet MAC
DMA
USB Host/OTG/D PHY PLL DMA
GP DMA
FLASH
Test/
Debug
Cortex-M3
Core
Nested
VIC
CPU PLL
Brown Out Detect
Power On Reset
MPU
Trace
FLASH
Accelerator
The LPC176x devices are available in an LQFP100 package
while the LPC175x MCUs are offered in an LQFP80 package.
The LPC1700 series is pin compatible with the popular
NXP LPC2300 series of ARM7 microcontrollers, allowing
designers to compare the M3 and ARM7 cores in the same
socket and simply choose the microcontroller that is best for
their application. With its wide array of peripherals and high
performance, the LPC1700 is ideal for e-Metering, lighting,
industrial networking, alarm systems, white goods and motor
control applications.
Third-Party Development Tools
The following featured development
tools will support the NXP LPC1700
series:
}
Evaluation Boards
- Embedded Artists
- Hitex LPC17xx-Stick
- mbed LPC1768 board
- IAR KSDK-LPC17xx
- Keil MCB17xx
}
IDEs
- Hitex HiTOP IDE
- IAR Embedded Workbench for
ARM (EWARM)
- Keil µVision3
- CodeRed Eclipse-based Red Suite
- NXP LPCXpresso
}
JTAG debuggers
- All debuggers supporting Cortex-
M3™
For more information on our
development tools please visit
www.nxp.com/microcontrollers
www.nxp.com
Date of release: December 2009
Document order number: 9397 750 16846
Printed in the Netherlands
©2009 NXP B.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable
and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.



Html Pages

1 2