| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F2136CCDFA bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CCDFA bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
|
11 / 59 page ![]() R8C/36C Group 1. Overview REJ03B0296-0100 Rev.1.00 Page 11 of 56 Apr 14, 2010 I: Input O: Output I/O: Input and output Table 1.7 Pin Functions (2) Item Pin Name I/O Type Description SSU SSI I/O Data I/O pin. SCS I/O Chip-select signal I/O pin. SSCK I/O Clock I/O pin. SSO I/O Data I/O pin. I2C bus SCL I/O Clock I/O pin SDA I/O Data I/O pin Reference voltage input VREF I Reference voltage input pin to A/D converter. A/D converter AN0 to AN11 I Analog input pins to A/D converter. ADTRG I AD external trigger input pin. D/A converter DA0, DA1 O D/A converter output pins. Comparator B IVCMP1, IVCMP3 I Comparator B analog voltage input pins. IVREF1, IVREF3 I Comparator B reference voltage input pins. I/O port P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_3 to P4_7, P5_0 to P5_4, P5_6, P5_7, P6_0 to P6_7, P8_0 to P8_6 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. Input port P4_2 I Input-only ports. |