| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCA120CA bảng dữ liệu(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SCA120CA bảng dữ liệu(HTML) 2 Page - Micro Commercial Components |
|
2 / 4 page ![]() Revision: 10 2009/10/26 SA5.0(C)(A) THRU SA170(C)(A) Micro Commercial Components MCC TM UNI-Polar BI-Polar SA5.0A SA5.0CA 5.0 6.40 7.00 10 9.2 55.4 600 5 SA6.0A SA6.0CA 6.0 6.67 7.37 10 10.3 49.5 600 5 SA6.5A SA6.5CA 6.5 7.22 7.98 10 11.2 45.5 400 5 SA7.0A SA7.0CA 7.0 7.78 8.60 10 12 42.5 150 6 SA7.5A SA7.5CA 7.5 8.33 9.21 1 12.9 39.5 50 7 SA8.0A SA8.0CA 8.0 8.89 9.83 1 13.6 37.5 25 7 SA8.5A SA8.5CA 8.5 9.44 10.40 1 14.4 35.4 10 8 SA9.0A SA9.0CA 9.0 10.00 11.10 1 15.4 33.1 5 9 SA10A SA10CA 10.0 11.10 12.30 1 17 30 1 10 SA11A SA11CA 11.0 12.20 13.50 1 18.2 28 1 11 SA12A SA12CA 12.0 13.30 14.70 1 19.9 25.6 1 12 SA13A SA13CA 13.0 14.40 15.90 1 21.5 23.7 1 13 SA14A SA14CA 14.0 15.60 17.20 1 23.2 22 1 14 SA15A SA15CA 15.0 16.70 18.50 1 24.4 20.9 1 16 SA16A SA16CA 16.0 17.80 19.70 1 26 19.6 1 17 SA17A SA17CA 17.0 18.90 20.90 1 27.6 18.5 1 19 SA18A SA18CA 18.0 20.00 22.10 1 29.2 17.5 1 20 SA20A SA20CA 20.0 22.20 24.50 1 32.4 15.7 1 23 SA22A SA22CA 22.0 24.40 26.90 1 35.5 14.4 1 25 SA24A SA24CA 24.0 26.70 29.50 1 38.9 13.1 1 28 SA26A SA26CA 26.0 28.90 31.90 1 42.1 12.1 1 30 SA28A SA28CA 28.0 31.10 34.40 1 45.4 11.2 1 31 SA30A SA30CA 30.0 33.30 36.80 1 48.4 10.5 1 36 SA33A SA33CA 33.0 36.70 40.60 1 53.3 9.6 1 39 SA36A SA36CA 36.0 40.00 44.20 1 58.1 8.8 1 41 SA40A SA40CA 40.0 44.40 49.10 1 64.5 7.9 1 46 SA43A SA43CA 43.0 47.80 52.80 1 69.4 7.3 1 50 SA45A SA45CA 45.0 50.00 55.30 1 72.7 7 1 52 SA48A SA48CA 48.0 53.30 58.90 1 77.4 6.6 1 56 SA51A SA51CA 51.0 56.70 62.70 1 82.4 6.2 1 61 SA54A SA54CA 54.0 60.00 66.30 1 87.1 5.9 1 65 SA58A SA58CA 58.0 64.40 71.20 1 93.6 5.4 1 70 SA60A SA60CA 60.0 66.70 73.70 1 96.8 5.3 1 71 SA64A SA64CA 64.0 71.10 78.60 1 103 5 1 76 SA70A SA70CA 70.0 77.80 86.00 1 113 4.5 1 85 SA75A SA75CA 75.0 83.30 92.10 1 121 4.2 1 91 SA78A SA78CA 78.0 86.70 95.80 1 126 4 1 95 SA85A SA85CA 85.0 94.40 104.00 1 137 3.7 1 103 SA90A SA90CA 90.0 100.00 111.00 1 146 3.5 1 110 SA100A SA100CA 100.0 111.00 123.00 1 162 3.1 1 123 SA110A SA110CA 110.0 122.00 135.00 1 177 2.9 1 133 SA120A SA120CA 120.0 133.00 147.00 1 193 2.6 1 146 SA130A SA130CA 130.0 144.00 159.00 1 209 2.4 1 158 SA150A SA150CA 150.0 167.00 185.00 1 243 2.1 1 184 SA160A SA160CA 160.0 178.00 197.00 1 259 2 1 196 SA170A SA170CA 170.0 189.00 209.00 1 275 1.9 1 208 MCC PART NUMBER MAXIMUM CLAMPING VOLTAGE @Ipp Vc(V) PEAK PULSE CURRENT Ipp (A) REVERSE LEAKAGE @ VRWM IR(µ A) Maxium Temperature Coefficient of V(BR) (mV/ ) REVERSE STAND- OFF VOLTAGE VRWM(V) BREAKDOWN VOLTAGE VBR(V) MIN.@IT BREAKDOWN VOLTAGE VBR(V) MAX.@IT TEST CURRENT IT (mA) For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is +/-10% www.mccsemi.com 2 of 4 |