công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC5125YVN400R bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc

tên linh kiện PPC5125YVN400R
Giải thích chi tiết về linh kiện  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400R bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400R Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC5125YVN400R Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
System Design Information
Freescale Semiconductor
82
5
System Design Information
5.1
Power Up/Down Sequencing
Power sequencing between the 1.4 V power supply VDD and the remaining supplies is required to prevent excessive current
during power-up phase.
The required power sequence is as follows:
•
Use 12 V/ms or slower time for all supplies.
•
Power up VDD_IO, AVDD_PLLs, VBAT (if not applied permanently), and VDD_IO_MEM supplies first in any order, and
then power up VDD. If required AVDD_FUSEWR should be powered up afterwards.
•
All the supplies must reach the specified operating conditions before the PORESET can be released.
•
For power down, drop AVDD_FUSEWR to 0 V first, drop VDD to 0 V, and then drop all other supplies.
•VDD should not exceed VDD_IO, VDD_IO_MEM, VBAT, or AVDD_PLLs by more than 0.4 V at any time, including
power-up.
5.2
System and CPU Core AVDD Power Supply Filtering
Each of the independent PLL power supplies require filtering external to the device. Figure 49 shows a recommendation for the
required filter circuit.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled from
nearby circuits.
All traces should be as low impedance as possible, especially ground pins to the ground plane.
The filter for system/core PLLVDD to VSS should be connected to the power and ground planes, respectively, not fingers of the
planes.
In addition to keeping the filter components for system/core PLLVDD as close as practical to the body of the MPC5125 as
previously mentioned, special care should be taken to avoid coupling switching power supply noise or digital switching noise
onto the portion of that supply between the filter and the MPC5125.
The capacitors for C2 in the figure below should be rated X5R or better due to temperature performance. It is recommended to
add a bypass capacitance of at least 1 µF for the VBAT pin.
Figure 49. Power Supply Filtering
5.3
Connection Recommendations
To ensure reliable operation, connect unused inputs to an appropriate signal level. Unused active low inputs should be tied to
VDD_IO. Unused active high inputs should be connected to VSS. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD and VSS pins of the MPC5125.
The unused AVDD_FUSEWR power should be connected to VSS directly or via a resistor.
For DDR or LPDDR modes, the unused pins VTT[3:0] for DDR2 termination voltage can be unconnected.
AVDD device pin
Power supply
source
R1= 10
Ω
C1= 1 µF
C2= 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com