| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP58C bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
5KP58C bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
|
1 / 4 page ![]() 5KP5.0(C) THRU 5KP110(C)A 5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts Features • Unidirectional And Bidirectional • UL Recognized File # E331408 • High Temp Soldering: 260 °C for 10 Seconds At Terminals • For Bidirectional Devices Add “C” To The Suffix Of The Part Number: i.e. 5KP6.5C or 5KP6.5CA for 5% Tolerance Devices • Operating Temperature: -55 °C to +150°C • Storage Temperature: -55 °C to +150°C • 5000 Watt Peak Power • Response Time 1 x 10 -12 Seconds For Unidirectional and 5 x 10-9 For Bidirectional Peak Pulse Power (PPP) – versus – Pulse Time (tP) .1 µse c 1 µsec 10 µsec 100 µsec 0 10 100 1000 PPP - KW tP 1msec Figure 2 - Pulse Waveform Peak Pulse Current (% IPP) - Versus - Time (t) msec 0 1 2 3 % IPP 50 100 Peak Value IPP Half Wave IPP/2 10 x 1000 Wave as defined by R.E.A. Test wave form parameters: tr = 10 µsec tr omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC R-6 DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .340 .360 8.60 9.10 B .340 .360 8.60 9.10 C .048 .052 1.20 1.30 D 1.000 --- 25.40 --- A B D D C Cathode Mark Revision: 9 2009/07/12 TM Micro Commercial Components www.mccsemi.com 1 of 4 Figure 1 Maximum Ratings • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 • Marking : Cathode band and type number • Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7. |
Số phần tương tự - 5KP58C |
|
Mô tả tương tự - 5KP58C |