| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP8358MT bảng dữ liệu(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMP8358MT bảng dữ liệu(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 32 page ![]() Star Configuration The configuration shown in Figure 3 can be used if each LMP8358 will always have the same value in each register. After the microcontroller writes, all registers will have the same value. Using multiple CSB lines as shown in Figure 4 allows different values to be written into each register. 300454a3 FIGURE 3. Star Configuration for Writing the Same Value Into Each Register 300454a4 FIGURE 4. Star Configuration for Writing Different Values Into Each Register Daisy Chain Configuration This configuration can be used to program the same or dif- ferent values in the register of each LMP8358. The connec- tions are shown in Figure 5. In this configuration the SDO pin of each LMP8358 is connected to the SDI pin of the following LMP8358. 300454a5 FIGURE 5. Daisy Chain Configuration 21 www.national.com |