công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

34704 bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện 34704
Giải thích chi tiết về linh kiện  Multiple Channel DC-DC Power Management IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34704_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704_09 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
REGULATOR 8
Output Voltage Range (Li-Ion Battery)
VOUT
5.0(14)
15
15
V
Output Accuracy
-
-4.0
-
4.0
%
Dynamic Voltage Scaling Range
VDYN
-10
-
10
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Line/Load Regulation(13)
REGLN/LD
-1.0
-
1.0
%
Continuous Output Current(13)
IOUT
-
15
30
mA
Li-Ion Battery Over-current Limit (Detected in low side FET)
ILIM_ION
-
1.0
-
A
Li-Ion Battery Short-circuit Current Limit (Detected in the Blocking FET)
ISHORT_ION
-
1.5
-
A
Li-Ion Battery Over-current Limit Accuracy
-
-20
-
20
%
N-CH Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
450
-
m
Ω
N-CH Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
1000
-
m
Ω
N-CH Shutdown Power MOSFET RDS(ON)
RDS(ON)-SH
-
450
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(13)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(13)
TSD-HYS
-
25
-
°C
SW8 Leakage Current (Off State) @25°C
ISW8_LKG
-
-
1.0
μA
Notes
13.
Guaranteed by Design
14.
When battery voltage is higher than 5.0V, a diode implementation like the one displayed on VG is necessary.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 2.7V
≤ VIN ≤ 5.5V, -20°C ≤ TA ≤ 85°C, GND = 0V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com