| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM351-RTR bảng dữ liệu(PDF) 73 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR bảng dữ liệu(HTML) 73 Page - List of Unclassifed Manufacturers |
|
73 / 240 page ![]() EM351 / EM357 8.2 Configuration Before using a serial controller, configure and initialize it as follows: Set up the parameters specific to the operating mode (master/slave for SPI, baud rate for UART, etc.). Configure the GPIO pins used by the serial controller as shown in Table 8-1 and Table 8-2. Section 2 in Chapter 7, GPIO shows how to configure GPIO pins. If using DMA, set up the DMA and buffers. This is described fully in section 8.7. If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE register, enable the desired second-level interrupt sources in the INT_SCxCFG register, and finally enable the top-level SCx interrupt in the NVIC. Write the serial interface operating mode — SPI, TWI, or UART — to the SCx_MODE register. Table 8-1. SC1 GPIO Usage and Configuration PB1 PB2 PB3 PB4 SPI - Master SC1MOSI Alternate Output (push-pull) SC1MISO Input SC1SCLK Alternate Output (push-pull) (not used) SPI - Slave SC1MISO Alternate Output (push-pull) SC1MOSI Input SC1SCLK Input SC1nSSEL Input TWI - Master SC1SDA Alternate Output (open-drain) SC1SCL Alternate Output (open-drain) (not used) (not used) UART TXD Alternate Output (push-pull) RXD Input nCTS Input1 nRTS Alternate Output (push- pull)1 1 used if RTS/CTS hardware flow control is enabled. Table 8-2. SC2 GPIO Usage and Configuration PA0 PA1 PA2 PA3 SPI - Master SC2MOSI Alternate Output (push-pull) SC2MISO Input SC2SCLK Alternate Output (push-pull) (not used) SPI - Slave SC2MOSI Input SC2MISO Alternate Output (push-pull) SC2SCLK Input SC2nSSEL Input TWI - Master (not used) SC2SDA Alternate Output (open-drain) SC2SCL Alternate Output (open-drain) (not used) 8-2 120-035X-000D Preliminary |