| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM351-RTR bảng dữ liệu(PDF) 207 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR bảng dữ liệu(HTML) 207 Page - List of Unclassifed Manufacturers |
|
207 / 240 page ![]() EM351 / EM357 INT_CFGCLR Top-Level Clear Interrupts Configuration Register Address: 0xE000E180 Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 INT_DEBUG 15 14 13 12 11 10 9 8 INT_IRQD INT_IRQC INT_IRQB INT_IRQA INT_ADC INT_MACRX INT_MACTX INT_MACTMR 7 6 5 4 3 2 1 0 INT_SEC INT_SC2 INT_SC1 INT_SLEEPTMR INT_BB INT_MGMT INT_TIM2 INT_TIM1 Bitname Bitfield Access Description INT_DEBUG [16] RW Write 1 to disable debug interrupt. (Writing 0 has no effect.) INT_IRQD [15] RW Write 1 to disable IRQD interrupt. (Writing 0 has no effect.) INT_IRQC [14] RW Write 1 to disable IRQC interrupt. (Writing 0 has no effect.) INT_IRQB [13] RW Write 1 to disable IRQB interrupt. (Writing 0 has no effect.) INT_IRQA [12] RW Write 1 to disable IRQA interrupt. (Writing 0 has no effect.) INT_ADC [11] RW Write 1 to disable ADC interrupt. (Writing 0 has no effect.) INT_MACRX [10] RW Write 1 to disable MAC receive interrupt. (Writing 0 has no effect.) INT_MACTX [9] RW Write 1 to disable MAC transmit interrupt. (Writing 0 has no effect.) INT_MACTMR [8] RW Write 1 to disable MAC timer interrupt. (Writing 0 has no effect.) INT_SEC [7] RW Write 1 to disable security interrupt. (Writing 0 has no effect.) INT_SC2 [6] RW Write 1 to disable serial controller 2 interrupt. (Writing 0 has no effect.) INT_SC1 [5] RW Write 1 to disable serial controller 1 interrupt. (Writing 0 has no effect.) INT_SLEEPTMR [4] RW Write 1 to disable sleep timer interrupt. (Writing 0 has no effect.) INT_BB [3] RW Write 1 to disable baseband interrupt. (Writing 0 has no effect.) INT_MGMT [2] RW Write 1 to disable management interrupt. (Writing 0 has no effect.) INT_TIM2 [1] RW Write 1 to disable timer 2 interrupt. (Writing 0 has no effect.) INT_TIM1 [0] RW Write 1 to disable timer 1 interrupt. (Writing 0 has no effect.) 11-8 120-035X-000D Preliminary |