| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM351-RTR bảng dữ liệu(PDF) 150 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR bảng dữ liệu(HTML) 150 Page - List of Unclassifed Manufacturers |
|
150 / 240 page ![]() EM351 / EM357 9.4 Interrupts Each timer has its own top-level NVIC interrupt. Writing 1 to the INT_TIMx bit in the INT_CFGSET register enables the TIMx interrupt, and writing 1 to the INT_TIMx bit in the INT_CFGCLR register disables it. Chapter 11, Interrupt System describes the interrupt system in detail. Several kinds of timer events can generate a timer interrupt, and each has a status flag in the INT_TIMxFLAG register to identify the reason(s) for the interrupt: INT_TIMTIF – set by a rising edge on an external trigger, either edge in gated mode INT_TIMCCRyIF –set by a channel y input capture or output compare event INT_TIMUIF – set by a UEV Clear bits in INT_TIMxFLAG by writing a 1 to their bit position. When a channel is in capture mode, reading the TIMx_CCRy register will also clear the INT_TIMCCRyIF bit. The INT_TIMxCFG register controls whether or not the INT_TIMxFLAG bits actually request a top-level NVIC timer interrupt. Only the events whose bits are set to 1 in INT_TIMxCFG can do so. If an input capture or output compare event occurs and its INT_TIMMISSCCyIF is already set, the corresponding capture/compare missed flag is set in the INT_TMRxMISS register. Clear a bit in the INT_TMRxMISS register by writing a 1 to it. 9-30 120-035X-000D Preliminary |