công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DVA16XP280 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện DVA16XP280
Giải thích chi tiết về linh kiện  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA16XP280 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button DVA16XP280 Datasheet HTML 3Page - Microchip Technology DVA16XP280 Datasheet HTML 4Page - Microchip Technology DVA16XP280 Datasheet HTML 5Page - Microchip Technology DVA16XP280 Datasheet HTML 6Page - Microchip Technology DVA16XP280 Datasheet HTML 7Page - Microchip Technology DVA16XP280 Datasheet HTML 8Page - Microchip Technology DVA16XP280 Datasheet HTML 9Page - Microchip Technology DVA16XP280 Datasheet HTML 10Page - Microchip Technology DVA16XP280 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 7
Processor Module and Device Adapter Specification
5.5
DVA16XP182
This
device
adapter
is
intended
for
use
with
PIC16C712/716 18-pin DIP devices. It has a second
oscillator device that allows TIMER1 oscillator input ranging
from 32-40 kHz. It has four mechanical switches. Target
pins RB1 and RB2 can be routed to the emulator silicon on
the PCM16XE1 processor module or the TIMER1 oscillator
device on the device adapter. Target pin RB1 is routed to
T1CKI. Target pin RB3 can be a general purpose input or
CCP1, as shown in Table 5-5.
TABLE 5-5:
DVA16XP182 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
RB1
Set S2-1 to position B
RB2
Set S2-2 to position B
RB3
Set S2-3 to position B
CCP1
Set S2-3 to position A
TIMER1 Clock Input
Set S2-1 to position A and
set S1 to position B
TIMER1 Oscillator Input
Set S2-1 to position A and
set S2-2 to position A and
set S1 to position A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com