| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-E/SS bảng dữ liệu(PDF) 140 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/SS bảng dữ liệu(HTML) 140 Page - Microchip Technology |
|
140 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 140 © 2009 Microchip Technology Inc. TABLE 15-4: SUMMARY OF REGISTERS ASSOCIATED WITH COMPARE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 — — CHS3 CHS2 CHS1 CHS0 GO/DONE ADON --00 0000 --00 0000 ANSELB — — ANSB5 ANSB4 ANSB3 ANSB2 ANSB1 ANSB0 --11 1111 --11 1111 APFCON — — — — — — SSSEL CCP2SEL ---- --00 ---- --00 CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCP2CON — — DC2B1 DC2B0 CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000 CCPRxL Capture/Compare/PWM Register X Low Byte xxxx xxxx uuuu uuuu CCPRxH Capture/Compare/PWM Register X High Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIE2 — — — — — — — CCP2IE ---- ---0 ---- ---0 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIR2 — — — — — — — CCP2IF ---- ---0 ---- ---0 T1CON TMR1CS1 TMR1CS0 T1CKPS1 T1CKPS0 T1OSCEN T1SYNC —TMR1ON 0000 00-0 uuuu uu-u T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS1 T1GSS0 0000 0x00 0000 0x00 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 1111 1111 1111 1111 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Compare. |