| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-E/SS bảng dữ liệu(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/SS bảng dữ liệu(HTML) 88 Page - Microchip Technology |
|
88 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 88 © 2009 Microchip Technology Inc. FIGURE 6-22: BLOCK DIAGRAM OF RE<2:0> FIGURE 6-23: BLOCK DIAGRAM OF RE3 I/O Pin VDD VSS D Q CK Q D Q CK Q RD WR WR RD To A/D Converter ANSE<0:2> Data Bus PORTE TRISE TRISE PORTE Note: RE<2:0> are not implemented on PIC16F722/723/726/PIC16LF722/723/726. I/O Pin VSS RD RD Data Bus TRISE PORTE VSS High-Voltage Detect In-Circuit Serial Programming™ mode Pulse Filter MCLR MCLR Circuit Power for Programming Flash VDD Weak ICSP™ Mode Detect |