công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24F16KA102-I/ML bảng dữ liệu(PDF) 79 Page - Microchip Technology

tên linh kiện PIC24F16KA102-I/ML
Giải thích chi tiết về linh kiện  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML bảng dữ liệu(HTML) 79 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 75Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 76Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 77Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 78Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 79Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 80Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 81Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 82Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 77
PIC24F16KA102 FAMILY
REGISTER 8-11:
IEC3: INTERRUPT ENABLE CONTROL REGISTER 3
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
—RTCIE
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14
RTCIE:
Real-Time Clock and Calendar Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 13-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More