công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F722-MV/SP bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện PIC16F722-MV/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/SP bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button PIC16F722-MV/SP Datasheet HTML 14Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 15Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 16Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 17Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 18Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 19Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 20Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 21Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 18
© 2009 Microchip Technology Inc.
RD3/CPS11
RD3
ST
CMOS General purpose I/O.
CPS11
AN
—
Capacitive sensing input 11.
RD4/CPS12
RD4
ST
CMOS General purpose I/O.
CPS12
AN
—
Capacitive sensing input 12.
RD5/CPS13
RD5
ST
CMOS General purpose I/O.
CPS13
AN
—
Capacitive sensing input 13.
RD6/CPS14
RD6
ST
CMOS General purpose I/O.
CPS14
AN
—
Capacitive sensing input 14.
RD7/CPS15
RD7
ST
CMOS General purpose I/O.
CPS15
AN
—
Capacitive sensing input 15.
RE0/AN5
RE0
ST
CMOS General purpose I/O.
AN5
AN
—
A/D Channel 5 input.
RE1/AN6
RE1
ST
CMOS General purpose I/O.
AN6
AN
—
A/D Channel 6 input.
RE2/AN7
RE2
ST
CMOS General purpose I/O.
AN7
AN
—
A/D Channel 7 input.
RE3/MCLR/VPP
RE3
TTL
—
General purpose input.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
Note:
The PIC16F72X devices have an internal low dropout voltage regulator. An external capacitor must be
connected to one of the available VCAP pins to stabilize the regulator. For more information, see
Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF72X devices do not have the voltage
regulator and therefore no external capacitor is required.
TABLE 1-1:
PIC16F72X/PIC16LF72X PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More