| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RE46C165SW bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C165SW bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 30 page ![]() RE46C165/6/7/8 DS22251A-page 16 2010 Microchip Technology Inc. FIGURE 3-2: RE46C165/6/7/8 Timing Diagram – Local and Remote Alarm. Local Alarm Timing TPER1 TPER2 TPER3 STROBE IRED TPLED2 TPLED2 LED Push To Test Alarm Timing TEST T PER4 TPER4 STROBE IRED No Alarm Local Alarm No Alarm Horn Patterns T IODLY2 T HON1 T HOF1 T HOF2 Temporal Horn Continuous Horn TIODLY2 THON1 THOF1 Interconnect Timing TIODMP TIODLY1 IO as output IO as input TIOFILT TPER5 STROBE No Alarm Remote/External Alarm No Alarm Notes: 1. Smoke is not sampled when the horn is active. 2. Low battery warning chirp is suppressed in local or remote alarm 3. IO Dump active only in local alarm, inactive if external alarm |