| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-E/SP bảng dữ liệu(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/SP bảng dữ liệu(HTML) 48 Page - Microchip Technology |
|
48 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 48 © 2009 Microchip Technology Inc. 4.5.3 PIE2 REGISTER The PIE2 register contains the interrupt enable bits, as shown in Register 4-3. Note: Bit PEIE of the INTCON register must be set to enable any peripheral interrupt. REGISTER 4-3: PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2 U-0 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 — — — — — — — CCP2IE bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-1 Unimplemented: Read as ‘0’ bit 0 CCP2IE: CCP2 Interrupt Enable bit 1 = Enables the CCP2 interrupt 0 = Disables the CCP2 interrupt |