| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F16KA102-I/SP bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102-I/SP bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 254 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39927B-page 47 PIC24F16KA102 FAMILY EXAMPLE 5-2: ERASING A PROGRAM MEMORY ROW – ‘C’ LANGUAGE CODE // C example using MPLAB C30 int __attribute__ ((space(auto_psv))) progAddr = &progAddr; // Variable located in Pgm Memory unsigned int offset; //Set up pointer to the first memory location to be written TBLPAG = __builtin_tblpage(&progAddr); // Initialize PM Page Boundary SFR offset = &progAddr & 0xFFFF; // Initialize lower word of address __builtin_tblwtl(offset, 0x0000); // Set base address of erase block // with dummy latch write NVMCON = 0x4058; // Initialize NVMCON asm("DISI #5"); // Block all interrupts for next 5 instructions __builtin_write_NVM(); // C30 function to perform unlock // sequence and set WR |