| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-MV/P bảng dữ liệu(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-MV/P bảng dữ liệu(HTML) 83 Page - Microchip Technology |
|
83 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 83 PIC16F72X/PIC16LF72X TABLE 6-4: SUMMARY OF REGISTERS ASSOCIATED WITH PORTD(1) Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELD ANSD7 ANSD6 ANSD5 ANSD4 ANSD3 ANSD2 ANSD1 ANSD0 1111 1111 1111 1111 CPSCON0 CPSON — — — CPSRNG1 CPSRNG0 CPSOUT T0XCS 0--- 0000 0--- 0000 CPSCON1 — — — — CPSCH3 CPSCH2 CPSCH1 CPSCH0 ---- 0000 ---- 0000 PORTD RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0 xxxx xxxx xxxx xxxx TRISD TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTD. Note 1: These registers are not implemented on the PIC16F722/723/726/PIC16LF722/723/726 devices, read as ‘0’. |