| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F722-I/P bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-I/P bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 10 © 2009 Microchip Technology Inc. TABLE 2: 40/44-PIN PDIP/TQFP/QFN SUMMARY (PIC16F724/727/PIC16LF724/727 ) I/O 40-Pin PDIP 44-Pin TQFP 44-Pin QFN A/D Cap Sensor Timers CCP AUSART SSP Interrupt Pull-Up Basic RA0 2 19 19 AN0 — — — — SS(3) — — VCAP(4) RA1 3 20 20 AN1 — — — — — — — — RA2 4 21 21 AN2 — — — — — — — — RA3 5 22 22 AN3/VREF —— — — — — — — RA4 6 23 23 — CPS6 T0CKI — — — — — — RA5 7 24 24 AN4 CPS7 — — — SS(3) —— VCAP(4) RA6 14 31 33 — — — — — — — — OSC2/CLKOUT/VCAP(4) RA7 133032 — — — — — — — — OSC1/CLKIN RB0 33 8 9 AN12 CPS0 — — — — IOC/INT Y — RB1 34 9 10 AN10 CPS1 — — — — IOC Y — RB2 35 10 11 AN8 CPS2 — — — — IOC Y — RB3 36 11 12 AN9 CPS3 — CCP2(2) — — IOC Y — RB4 37 14 14 AN11 CPS4 — — — — IOC Y — RB5 381515 AN13 CPS5 T1G — — — IOC Y — RB6 39 16 16 — — — — — — IOC Y ICSPCLK/ICDCLK RB7 40 17 17 — — — — — — IOC Y ICSPDAT/ICDDAT RC0 15 32 34 — — T1OSO/ T1CKI — — — — — — RC1 16 35 35 — — T1OSI CCP2(2) —— — — — RC2 17 36 36 — — — CCP1 — — — — — RC3 18 37 37 — — — — — SCK/SCL — — — RC4 23 42 42 — — — — SDI/SDA — — — RC5 24 43 43 — — — — SDO — — — RC6 25 44 44 — — — — TX/CK — — — — RC7 26 1 1 — — — — RX/DT — — — — RD0 19 38 38 — CPS8 — — — — — — — RD1 20 39 39 — CPS9 — — — — — — — RD2 21 40 40 — CPS10 — — — — — — — RD3 22 41 41 — CPS11 — — — — — — — RD4 27 2 2 — CPS12 — — — — — — — RD5 28 3 3 — CPS13 — — — — — — — RD6 29 4 4 — CPS14 — — — — — — — RD7 30 5 5 — CPS15 — — — — — — — RE0 8 25 25 AN5 — — — — — — — — RE1 9 26 26 AN6 — — — — — — — — RE2 10 27 27 AN7 — — — — — — — — RE3 1 18 18 — — — — — — — Y(1) MCLR/VPP — 11,32 7,20 7,8,28 — — — — — — — — VDD — 12,13 6,29 6,30,31 — — — — — — — — VSS Note 1: Pull-up enabled only with external MCLR configuration. 2: RC1 is the default pin location for CCP2. RB3 may be selected by changing the CCP2SEL bit in the APFCON register. 3: RA5 is the default pin location for SS. RA0 may be selected by changing the SSSEL bit in the APFCON register. 4: PIC16F72X devices only. Note: The PIC16F72X devices have an internal low dropout voltage regulator. An external capacitor must be connected to one of the available VCAP pins to stabilize the regulator. For more information, see Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF72X devices do not have the voltage regulator and therefore no external capacitor is required. |