| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F87K90 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F87K90 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 566 page ![]() 2010 Microchip Technology Inc. Preliminary DS39957B-page 21 PIC18F87K90 FAMILY PORTG is a bidirectional I/O port. RG0/ECCP3/P3A RG0 ECCP3 P3A 3 I/O I/O O ST ST — Digital I/O. Capture 3 input/Compare 3 output/PWM3 output. ECCP3 PWM Output A. RG1/TX2/CK2/AN19/ C3OUT RG1 TX2 CK2 AN19 C3OUT 4 I/O O I/O I O ST — ST Analog — Digital I/O. USART asynchronous transmit. USART synchronous clock (see related RX2/DT2). Analog Input 19. Comparator 3 output. RG2/RX2/DT2/AN18/ C3INA RG2 RX2 DT2 AN18 C3INA 5 I/O I I/O I I ST ST ST Analog Analog Digital I/O. EUSART asynchronous receive. EUSART synchronous data (see related TX2/CK2). Analog Input 18. Comparator 3 Input A. RG3/CCP4/AN17/P3D/ C3INB RG3 CCP4 AN17 P3D C3INB 6 I/O I/O I O I ST S/T Analog — Analog Digital I/O. Capture 4 input/Compare 4 output/PWM4 output. Analog Input 18. ECCP3 PWM Output D. Comparator 3 Input B. RG4/SEG26/RTCC/ T7CKI/T5G/CCP5/AN16/ P1D/C3INC RG4 SEG26 RTCC T7CKI(3) T5G CCP5 AN16 P1D C3INC 8 I/O O O I I I/O I O I ST Analog — ST ST ST Analog — Analog Digital I/O. SEG26 output for LCD. RTCC output Timer7 clock input. Timer5 external clock gate input. Capture 5 input/Compare 5 output/PWM5 output. Analog Input 16. ECCP1 PWM Output D. Comparator 3 Input C. RG5 7 See the MCLR/RG5 pin. TABLE 1-3: PIC18F6XK90 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description QFN/TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) I2C™ = I2C/SMBus Note 1: Default assignment for ECCP2 when the CCP2MX Configuration bit is set. 2: Alternate assignment for ECCP2 when the CCP2MX Configuration bit is cleared. 3: Not available on PIC18F65K90 and PIC18F85K90 devices. |