| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K20-E/MV bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/MV bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 456 page ![]() PIC18F2XK20/4XK20 DS41303G-page 4 2010 Microchip Technology Inc. - Note 1: One pin is input only. 2: Channel count includes internal fixed voltage reference channel. Device Program Memory Data Memory I/O(1) 10-bit A/D (ch)(2) CCP/ ECCP (PWM) MSSP Comp. Timers 8/16-bit Flash (bytes) # Single-Word Instructions SRAM (bytes) EEPROM (bytes) SPI Master I2C™ PIC18F23K20 8K 4096 512 256 25 11 1/1 Y Y 1 2 1/3 PIC18F24K20 16K 8192 768 256 25 11 1/1 Y Y 1 2 1/3 PIC18F25K20 32K 16384 1536 256 25 11 1/1 Y Y 1 2 1/3 PIC18F26K20 64k 32768 3936 1024 25 11 1/1 Y Y 1 2 1/3 PIC18F43K20 8K 4096 512 256 36 14 1/1 Y Y 1 2 1/3 PIC18F44K20 16K 8192 768 256 36 14 1/1 Y Y 1 2 1/3 PIC18F45K20 32K 16384 1536 256 36 14 1/1 Y Y 1 2 1/3 PIC18F46K20 64k 32768 3936 1024 36 14 1/1 Y Y 1 2 1/3 |