| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC64-E/MC bảng dữ liệu(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC64-E/MC bảng dữ liệu(HTML) 1 Page - Microchip Technology |
|
1 / 40 page ![]() 2010 Microchip Technology Inc. DS21189R-page 1 24AA64/24LC64/24FC64 Device Selection Table Features: • Single-Supply with Operation down to 1.7V for 24AA64/24FC64 devices, 2.5V for 24LC64 devices • Low-Power CMOS Technology: - Active current 3 mA, max. - Standby current 1 A, max. • 2-Wire Serial Interface, I2C™ Compatible • Packages with 3 Address Pins are cascadable up to 8 devices • Schmitt Trigger Inputs for Noise Suppression • Output Slope Control to Eliminate Ground Bounce • 100 kHz and 400 kHz Clock Compatibility • 1 MHz Clock for FC versions • Page Write Time 5 ms, max. • Self-timed Erase/Write Cycle • 32-Byte Page Write Buffer • Hardware Write-protect • ESD Protection > 4,000V • More than 1 Million Erase/Write Cycles • Data Retention > 200 Years • Factory Programming Available • Packages include 8-lead PDIP, SOIC, SOIJ, TSSOP, X-Rotated TSSOP, MSOP, DFN, TDFN, 5-lead SOT-23 or Chip Scale • Pb-Free and RoHS Compliant • Temperature Ranges: - Industrial (I): -40°C to +85°C - Automotive (E): -40°C to +125°C Description: The Microchip Technology Inc. 24AA64/24LC64/ 24FC64 (24XX64*) is a 64 Kbit Electrically Erasable PROM. The device is organized as a single block of 8K x 8-bit memory with a 2-wire serial interface. Low- voltage design permits operation down to 1.7V, with standby and active currents of only 1 A and 3 mA, respectively. It has been developed for advanced, low- power applications such as personal communications or data acquisition. The 24XX64 also has a page write capability for up to 32 bytes of data. Functional address lines allow up to eight devices on the same bus, for up to 512 Kbits address space. The 24XX64 is available in the standard 8-pin PDIP, surface mount SOIC, SOIJ, TSSOP, DFN, TDFN and MSOP packages. The 24XX64 is also available in the 5-lead SOT-23, and Chip Scale packages. Block Diagram Package Types Part Number VCC Range Max. Clock Frequency Temp. Ranges 24AA64 1.7-5.5 400 kHz(1) I 24LC64 2.5-5.5 400 kHz I, E 24FC64 1.7-5.5 1 MHz(2) I Note 1: 100 kHz for VCC <2.5V 2: 400 kHz for VCC <2.5V HV EEPROM Array Page YDEC XDEC Sense Amp. Memory Control Logic I/O Control Logic I/O WP SDA SCL VCC VSS R/W Control Latches Generator A2 A1 A0 A0 A1 A2 VSS VCC WP SCL SDA 1 2 3 4 8 7 6 5 PDIP/MSOP/SOIC/SOIJ/TSSOP DFN/TDFN A0 A1 A2 VSS WP SCL SDA VCC 8 7 6 5 1 2 3 4 SOT-23 1 2 34 5 WP VCC SCL VSS SDA CS (Chip Scale)(1) 1 2 3 45 VCC WP SDA SCL VSS (Top Down View, Balls Not Visible) Note 1: Available in I-temp, “AA” only. X-Rotated TSSOP WP VCC A0 A1 1 2 3 4 8 7 6 5 SCL SDA VSS A2 (X/ST) 64K I2C™ Serial EEPROM * 24XX64 is used in this document as a generic part number for the 24AA64/24LC64/24FC64 devices. |
Số phần tương tự - 24FC64-E/MC |
|
Mô tả tương tự - 24FC64-E/MC |