| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F1822T-E/ML bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822T-E/ML bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 398 page ![]() TABLE 3-4: PIC12F/LF1822/16F/LF1823 MEMORY MAP, BANKS 8-15 Legend: = Unimplemented data memory locations, read as ‘0’ BANK 8 BANK 9 BANK 10 BANK 11 BANK 12 BANK 13 BANK 14 BANK 15 400h INDF0 480h INDF0 500h INDF0 580h INDF0 600h INDF0 680h INDF0 700h INDF0 780h INDF0 401h INDF1 481h INDF1 501h INDF1 581h INDF1 601h INDF1 681h INDF1 701h INDF1 781h INDF1 402h PCL 482h PCL 502h PCL 582h PCL 602h PCL 682h PCL 702h PCL 782h PCL 403h STATUS 483h STATUS 503h STATUS 583h STATUS 603h STATUS 683h STATUS 703h STATUS 783h STATUS 404h FSR0L 484h FSR0L 504h FSR0L 584h FSR0L 604h FSR0L 684h FSR0L 704h FSR0L 784h FSR0L 405h FSR0H 485h FSR0H 505h FSR0H 585h FSR0H 605h FSR0H 685h FSR0H 705h FSR0H 785h FSR0H 406h FSR1L 486h FSR1L 506h FSR1L 586h FSR1L 606h FSR1L 686h FSR1L 706h FSR1L 786h FSR1L 407h FSR1H 487h FSR1H 507h FSR1H 587h FSR1H 607h FSR1H 687h FSR1H 707h FSR1H 787h FSR1H 408h BSR 488h BSR 508h BSR 588h BSR 608h BSR 688h BSR 708h BSR 788h BSR 409h WREG 489h WREG 509h WREG 589h WREG 609h WREG 689h WREG 709h WREG 789h WREG 40Ah PCLATH 48Ah PCLATH 50Ah PCLATH 58Ah PCLATH 60Ah PCLATH 68Ah PCLATH 70Ah PCLATH 78Ah PCLATH 40Bh INTCON 48Bh INTCON 50Bh INTCON 58Bh INTCON 60Bh INTCON 68Bh INTCON 70Bh INTCON 78Bh INTCON 40Ch — 48Ch — 50Ch — 58Ch — 60Ch — 68Ch — 70Ch — 78Ch — 40Dh — 48Dh — 50Dh — 58Dh — 60Dh — 68Dh — 70Dh — 78Dh — 40Eh — 48Eh — 50Eh — 58Eh — 60Eh — 68Eh — 70Eh — 78Eh — 40Fh — 48Fh — 50Fh — 58Fh — 60Fh — 68Fh — 70Fh — 78Fh — 410h — 490h — 510h — 590h — 610h — 690h — 710h — 790h — 411h — 491h — 511h — 591h — 611h — 691h — 711h — 791h — 412h — 492h — 512h — 592h — 612h — 692h — 712h — 792h — 413h — 493h — 513h — 593h — 613h — 693h — 713h — 793h — 414h — 494h — 514h — 594h — 614h — 694h — 714h — 794h — 415h — 495h — 515h — 595h — 615h — 695h — 715h — 795h — 416h — 496h — 516h — 596h — 616h — 696h — 716h — 796h — 417h — 497h — 517h — 597h — 617h — 697h — 717h — 797h — 418h — 498h — 518h — 598h — 618h — 698h — 718h — 798h — 419h — 499h — 519h — 599h — 619h — 699h — 719h — 799h — 41Ah — 49Ah — 51Ah — 59Ah — 61Ah — 69Ah — 71Ah — 79Ah — 41Bh — 49Bh — 51Bh — 59Bh — 61Bh — 69Bh — 71Bh — 79Bh — 41Ch — 49Ch — 51Ch — 59Ch — 61Ch — 69Ch — 71Ch — 79Ch — 41Dh — 49Dh — 51Dh — 59Dh — 61Dh — 69Dh — 71Dh — 79Dh — 41Eh — 49Eh — 51Eh — 59Eh — 61Eh — 69Eh — 71Eh — 79Eh — 41Fh — 49Fh — 51Fh — 59Fh — 61Fh — 69Fh — 71Fh — 79Fh — 420h Unimplemented Read as ‘0’ 4A0h Unimplemented Read as ‘0’ 520h Unimplemented Read as ‘0’ 5A0h Unimplemented Read as ‘0’ 620h Unimplemented Read as ‘0’ 6A0h Unimplemented Read as ‘0’ 720h Unimplemented Read as ‘0’ 7A0h Unimplemented Read as ‘0’ 46Fh 4EFh 56Fh 5EFh 66Fh 6EFh 76Fh 7EFh 470h Accesses 70h – 7Fh 4F0h Accesses 70h – 7Fh 570h Accesses 70h – 7Fh 5F0h Accesses 70h – 7Fh 670h Accesses 70h – 7Fh 6F0h Accesses 70h – 7Fh 770h Accesses 70h – 7Fh 7F0h Accesses 70h – 7Fh 47Fh 4FFh 57Fh 5FFh 67Fh 6FFh 77Fh 7FFh |