công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F1822T-E/MF bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện PIC12F1822T-E/MF
Giải thích chi tiết về linh kiện  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822T-E/MF bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button PIC12F1822T-E/MF Datasheet HTML 17Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 18Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 19Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 20Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 21Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 22Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 23Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 24Page - Microchip Technology PIC12F1822T-E/MF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 21
PIC12F/LF1822/16F/LF1823
3.0
MEMORY ORGANIZATION
There
are
three
types
of
memory
in
PIC12F/LF1822/16F/LF1823 devices: Data Memory,
Program Memory and Data EEPROM Memory(1).
• Program Memory
• Data Memory
- Core Registers
- Special Function Registers
- General Purpose RAM
- Common RAM
- Device Memory Maps
- Special Function Registers Summary
• Data EEPROM memory(1)
The following features are associated with access and
control of program memory and data memory:
• PCL and PCLATH
•Stack
• Indirect Addressing
3.1
Program Memory Organization
The enhanced mid-range core has a 15-bit program
counter capable of addressing a 32K x 14 program
memory space. Table 3-1 shows the memory sizes
implemented
for
the
PIC12F/LF1822/16F/LF1823
family. Accessing a location above these boundaries will
cause a wrap-around within the implemented memory
space. The Reset vector is at 0000h and the interrupt
vector is at 0004h (see Figures 3-1 and ).
Note 1: The Data EEPROM Memory and the
method to access Flash memory through
the EECON registers is described in
Section 11.0 “Data EEPROM and Flash
Program Memory Control”.
TABLE 3-1:
DEVICE SIZES AND ADDRESSES
Device
Program Memory Space (Words)
Last Program Memory Address
PIC12F/LF1822/16F/LF1823
2,048
07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More