công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1823-E/ML bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện PIC16F1823-E/ML
Giải thích chi tiết về linh kiện  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1823-E/ML bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button PIC16F1823-E/ML Datasheet HTML 13Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 14Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 15Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F1823-E/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 17
PIC12F/LF1822/16F/LF1823
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-3:
PIC16F/LF1823 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be assigned to one of two pin locations via software. See APFCON register (Register 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More