| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC32AXT-I/SM bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC32AXT-I/SM bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 42 page ![]() 2010 Microchip Technology Inc. DS21713L-page 39 24AA32A/24LC32A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24AA32A: 1.7V, 32 Kbit I2C Serial EEPROM 24AA32AT: 1.7V, 32 Kbit I2C Serial EEPROM (Tape and Reel) 24AA32AX: 1.7V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) 24AA32AXT 1.7V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) 24LC32A: 2.5V, 32 Kbit I2C Serial EEPROM 24LC32AT: 2.5V, 32 Kbit I2C Serial EEPROM (Tape and Reel) 24LC32AX: 2.5V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) 24LC32AXT 2.5V, 32 Kbit I2C Serial EEPROM in alternate pinout (ST only) Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead SM = Plastic SOIJ (5.28 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead MS = Plastic Micro Small Outline (MSOP), 8-lead MC = 2x3 DFN, 8-lead MNY(1) = TDFN (2x3x0.75mm body), 8-lead OT = SOT-23 (Tape and Reel only), 5-lead CS16K(2) = Chip Scale (CS), 5-lead (I-temp, “AA” Tape and Reel only) Examples: a) 24AA32A-I/P: Industrial Temperature,1.7V, PDIP package b) 24AA32A-I/SN: Industrial Temperature,1.7V, SOIC package c) 24AA32A-I/SM: Industrial Temperature.,1.7V, SOIJ (5.28 mm) package d) 24AA32A-I/ST: Industrial Temperature.,1.7V, TSSOP package e) 24LC32A-I/P: Industrial Temperature, 2.5V, PDIP package f) 24LC32A-E/SN: Automotive Temperature, 2.5V SOIC package g) 24LC32A-E/SM: Automotive Temperature, 2.5V SOIJ (5.28 mm) package h) 24LC32AT-I/ST: Industrial Temperature, 2.5V, TSSOP package, Tape and Reel Note 1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish. 2: “16K” indicates 160K technology. |