| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707-I/MV bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-I/MV bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 82 Preliminary 2010 Microchip Technology Inc. 9.2 ADC Operation 9.2.1 STARTING A CONVERSION To enable the ADC module, the ADON bit of the ADCON0 register must be set to a ‘1’. Setting the GO/ DONE bit of the ADCON0 register to a ‘1’ will start the Analog-to-Digital conversion. 9.2.2 COMPLETION OF A CONVERSION When the conversion is complete, the ADC module will: • Clear the GO/DONE bit • Set the ADIF interrupt flag bit • Update the ADRES register with new conversion result 9.2.3 TERMINATING A CONVERSION If a conversion must be terminated before completion, the GO/DONE bit can be cleared in software. The ADRES register will be updated with the partially com- plete Analog-to-Digital conversion sample. Incomplete bits will match the last bit converted. 9.2.4 ADC OPERATION DURING SLEEP The ADC module can operate during Sleep. This requires the ADC clock source to be set to the FRC option. When the FRC clock source is selected, the ADC waits one additional instruction before starting the conversion. This allows the SLEEP instruction to be executed, which can reduce system noise during the conversion. If the ADC interrupt is enabled, the device will wake-up from Sleep when the conversion completes. If the ADC interrupt is disabled, the ADC module is turned off after the conversion completes, although the ADON bit remains set. When the ADC clock source is something other than FRC, a SLEEP instruction causes the present conver- sion to be aborted and the ADC module is turned off, although the ADON bit remains set. 9.2.5 SPECIAL EVENT TRIGGER The Special Event Trigger of the CCP module allows periodic ADC measurements without software inter- vention. When this trigger occurs, the GO/DONE bit is set by hardware and the Timer1 counter resets to zero. Using the Special Event Trigger does not assure proper ADC timing. It is the user’s responsibility to ensure that the ADC timing requirements are met. Refer to Section 17.0 “Capture/Compare/PWM (CCP) Module” for more information. 9.2.6 A/D CONVERSION PROCEDURE This is an example procedure for using the ADC to perform an Analog-to-Digital conversion: 1. Configure Port: • Disable pin output driver (Refer to the TRIS register) • Configure pin as analog (Refer to the ANSEL register) 2. Configure the ADC module: • Select ADC conversion clock • Configure voltage reference • Select ADC input channel • Turn on ADC module 3. Configure ADC interrupt (optional): • Clear ADC interrupt flag • Enable ADC interrupt • Enable peripheral interrupt • Enable global interrupt(1) 4. Wait the required acquisition time(2). 5. Start conversion by setting the GO/DONE bit. 6. Wait for ADC conversion to complete by one of the following: • Polling the GO/DONE bit • Waiting for the ADC interrupt (interrupts enabled) 7. Read ADC Result. 8. Clear the ADC interrupt flag (required if interrupt is enabled). Note: The GO/DONE bit should not be set in the same instruction that turns on the ADC. Refer to Section 9.2.6 “A/D Conversion Procedure”. Note: A device Reset forces all registers to their Reset state. Thus, the ADC module is turned off and any pending conversion is terminated. Note 1: The global interrupt can be disabled if the user is attempting to wake-up from Sleep and resume in-line code execution. 2: Refer to Section 9.3 “A/D Acquisition Requirements”. |