| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F1822-E/ST bảng dữ liệu(PDF) 321 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST bảng dữ liệu(HTML) 321 Page - Microchip Technology |
|
321 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 321 PIC12F/LF1822/16F/LF1823 TABLE 28-3: PIC12F/LF1822/16F/LF1823 ENHANCED INSTRUCTION SET Mnemonic, Operands Description Cycles 14-Bit Opcode Status Affected Notes MSb LSb BYTE-ORIENTED FILE REGISTER OPERATIONS ADDWF ADDWFC ANDWF ASRF LSLF LSRF CLRF CLRW COMF DECF INCF IORWF MOVF MOVWF RLF RRF SUBWF SUBWFB SWAPF XORWF f, d f, d f, d f, d f, d f, d f – f, d f, d f, d f, d f, d f f, d f, d f, d f, d f, d f, d Add W and f Add with Carry W and f AND W with f Arithmetic Right Shift Logical Left Shift Logical Right Shift Clear f Clear W Complement f Decrement f Increment f Inclusive OR W with f Move f Move W to f Rotate Left f through Carry Rotate Right f through Carry Subtract W from f Subtract with Borrow W from f Swap nibbles in f Exclusive OR W with f 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 00 11 00 11 11 11 00 00 00 00 00 00 00 00 00 00 00 11 00 00 0111 1101 0101 0111 0101 0110 0001 0001 1001 0011 1010 0100 1000 0000 1101 1100 0010 1011 1110 0110 dfff dfff dfff dfff dfff dfff lfff 0000 dfff dfff dfff dfff dfff 1fff dfff dfff dfff dfff dfff dfff ffff ffff ffff ffff ffff ffff ffff 00xx ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff ffff C, DC, Z C, DC, Z Z C, Z C, Z C, Z Z Z Z Z Z Z Z C C C, DC, Z C, DC, Z Z 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 BYTE ORIENTED SKIP OPERATIONS DECFSZ INCFSZ f, d f, d Decrement f, Skip if 0 Increment f, Skip if 0 1(2) 1(2) 00 00 1011 1111 dfff dfff ffff ffff 1, 2 1, 2 BIT-ORIENTED FILE REGISTER OPERATIONS BCF BSF f, b f, b Bit Clear f Bit Set f 1 1 01 01 00bb 01bb bfff bfff ffff ffff 2 2 BIT-ORIENTED SKIP OPERATIONS BTFSC BTFSS f, b f, b Bit Test f, Skip if Clear Bit Test f, Skip if Set 1 (2) 1 (2) 01 01 10bb 11bb bfff bfff ffff ffff 1, 2 1, 2 LITERAL OPERATIONS ADDLW ANDLW IORLW MOVLB MOVLP MOVLW SUBLW XORLW k k k k k k k k Add literal and W AND literal with W Inclusive OR literal with W Move literal to BSR Move literal to PCLATH Move literal to W Subtract W from literal Exclusive OR literal with W 1 1 1 1 1 1 1 1 11 11 11 00 11 11 11 11 1110 1001 1000 0000 0001 0000 1100 1010 kkkk kkkk kkkk 001k 1kkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk C, DC, Z Z Z C, DC, Z Z Note 1: If the Program Counter (PC) is modified, or a conditional test is true, the instruction requires two cycles. The second cycle is executed as a NOP. 2: If this instruction addresses an INDF register and the MSb of the corresponding FSR is set, this instruction will require one additional instruction cycle. |