| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F1822-E/ST bảng dữ liệu(PDF) 317 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST bảng dữ liệu(HTML) 317 Page - Microchip Technology |
|
317 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 317 PIC12F/LF1822/16F/LF1823 For additional interface recommendations, refer to your specific device programmer manual prior to PCB design. It is recommended that isolation devices be used to separate the programming pins from other circuitry. The type of isolation is highly dependent on the specific application and may include devices such as resistors, diodes, or even jumpers. See Figure 27-4 for more information. FIGURE 27-4: TYPICAL CONNECTION FOR ICSP™ PROGRAMMING VDD VPP VSS External Device to be Data Clock VDD MCLR/VPP VSS ICSPDAT ICSPCLK * * * To Normal Connections * Isolation devices (as required). Programming Signals Programmed VDD |