| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F707 bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707 bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 284 page ![]() 2010 Microchip Technology Inc. Preliminary DS41418A-page 13 PIC16F707/PIC16LF707 TABLE 1-1: PIC16F707/PIC16LF707 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/SS/VCAP RA0 TTL CMOS General purpose I/O. AN0 AN — A/D Channel 0 input. SS ST — Slave Select input. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F only). RA1/AN1/CPSA0 RA1 TTL CMOS General purpose I/O. AN1 AN — A/D Channel 1 input. CPSA0 AN — Capacitive sensing A input 0. RA2/AN2/CPSA1/DACOUT RA2 TTL CMOS General purpose I/O. AN2 AN — A/D Channel 2 input. CPSA1 AN — Capacitive sensing A input 1. DACOUT — AN Voltage Reference Output. RA3/AN3/VREF/CPSA2 RA3 TTL CMOS General purpose I/O. AN3 AN — A/D Channel 3 input. VREF AN — A/D Voltage Reference input. CPSA2 AN — Capacitive sensing A input 2. RA4/CPSA3/T0CKI/TACKI RA4 TTL CMOS General purpose I/O. CPSA3 AN — Capacitive sensing A input 3. T0CKI ST — Timer0 clock input. TACKI ST — TimerA clock input. RA5/AN4/CPSA4/SS/VCAP RA5 TTL CMOS General purpose I/O. AN4 AN — A/D Channel 4 input. CPSA4 AN — Capacitive sensing A input 4. SS ST — Slave Select input. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F only). RA6/OSC2/CLKOUT/VCAP/ CPSB1 RA6 TTL CMOS General purpose I/O. OSC2 — XTAL Crystal/Resonator (LP, XT, HS modes). CLKOUT — CMOS FOSC/4 output. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F only). CPSB1 AN — Capacitive sensing B input 1. RA7/OSC1/CLKIN/CPSB0 RA7 TTL CMOS General purpose I/O. OSC1 XTAL — Crystal/Resonator (LP, XT, HS modes). CLKIN CMOS — External clock input (EC mode). CLKIN ST — RC oscillator connection (RC mode). CPSB0 AN — Capacitive sensing B input 0. RB0/AN12/CPSB8/INT RB0 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN12 AN — A/D Channel 12 input. CPSB8 AN — Capacitive sensing B input 8. INT ST — External interrupt. RB1/AN10/CPSB9 RB1 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN10 AN — A/D Channel 10 input. CPSB9 AN — Capacitive sensing B input 9. Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |