| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4812T-E/P bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4812T-E/P bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 17 MCP4802/4812/4822 4.0 GENERAL OVERVIEW The MCP4802, MCP4812 and MCP4822 are dual voltage output 8-bit, 10-bit and 12-bit DAC devices, respectively. These devices include rail-to-rail output amplifiers, internal voltage reference, shutdown and reset-management circuitry. The devices use an SPI serial communication interface and operate with a sin- gle supply voltage from 2.7V to 5.5V. The DAC input coding of these devices is straight binary. Equation 4-1 shows the DAC analog output voltage calculation. EQUATION 4-1: ANALOG OUTPUT VOLTAGE (VOUT) The ideal output range of each device is: • MCP4802 (n = 8) (a) 0.0V to 255/256 * 2.048V when gain setting = 1x. (b) 0.0V to 255/256 * 4.096V when gain setting = 2x. • MCP4812 (n = 10) (a) 0.0V to 1023/1024 * 2.048V when gain setting = 1x. (b) 0.0V to 1023/1024 * 4.096V when gain setting = 2x. • MCP4822 (n = 12) (a) 0.0V to 4095/4096 * 2.048V when gain setting = 1x. (b) 0.0V to 4095/4096 * 4.096V when gain setting = 2x. 1 LSb is the ideal voltage difference between two successive codes. Table 4-1 illustrates the LSb calculation of each device. 4.0.1 INL ACCURACY Integral Non-Linearity (INL) error for these devices is the maximum deviation between an actual code transi- tion point and its corresponding ideal transition point once offset and gain errors have been removed. The two end points method (from 0x000 to 0xFFF) is used for the calculation. Figure 4-1 shows the details. A positive INL error represents transition(s) later than ideal. A negative INL error represents transition(s) earlier than ideal. FIGURE 4-1: Example for INL Error. Note: See the output swing voltage specification in Section 1.0 “Electrical Characteristics”. VOUT 2.048V D n 2 n ----------------------------------- G = Where: 2.048V = Internal voltage reference Dn = DAC input code G = Gain selection =2 for <GA> bit = 0 =1 for <GA> bit = 1 n = DAC Resolution =8 for MCP4802 = 10 for MCP4812 = 12 for MCP4822 TABLE 4-1: LSb OF EACH DEVICE Device Gain Selection LSb Size MCP4802 (n = 8) 1x 2.048V/256 = 8 mV 2x 4.096V/256 = 16 mV MCP4812 (n = 10) 1x 2.048V/1024 = 2 mV 2x 4.096V/1024 = 4 mV MCP4822 (n = 12) 1x 2.048V/4096 = 0.5 mV 2x 4.096V/4096 = 1 mV 111 110 101 100 011 010 001 000 Digital Input Code Actual Transfer Function INL < 0 Ideal Transfer Function INL < 0 DAC Output |