công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4912-E/SL bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP4912-E/SL
Giải thích chi tiết về linh kiện  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4912-E/SL bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP4912-E/SL Datasheet HTML 6Page - Microchip Technology MCP4912-E/SL Datasheet HTML 7Page - Microchip Technology MCP4912-E/SL Datasheet HTML 8Page - Microchip Technology MCP4912-E/SL Datasheet HTML 9Page - Microchip Technology MCP4912-E/SL Datasheet HTML 10Page - Microchip Technology MCP4912-E/SL Datasheet HTML 11Page - Microchip Technology MCP4912-E/SL Datasheet HTML 12Page - Microchip Technology MCP4912-E/SL Datasheet HTML 13Page - Microchip Technology MCP4912-E/SL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 10
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-7:
Absolute INL vs.
Temperature (MCP4922).
FIGURE 2-8:
Absolute INL vs. VREF
(MCP4922).
FIGURE 2-9:
INL vs. Code and VREF
(MCP4922).
FIGURE 2-10:
INL vs. Code (MCP4922).
FIGURE 2-11:
DNL vs. Code and
Temperature (MCP4912).
FIGURE 2-12:
INL vs. Code and
Temperature (MCP4912).
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (ºC)
0
0.5
1
1.5
2
2.5
3
12345
Voltage Reference (V)
-4
-3
-2
-1
0
1
2
3
0
1024
2048
3072
4096
Code (Decimal)
1
2
3
4
5.5
V
REF
Note:
Single device graph (Figure 2-10) for
illustration of 64 code effect.
-6
-4
-2
0
2
0
1024
2048
3072
4096
Code (Decimal)
-0.2
-0.1
0
0.1
0.2
0
128
256
384
512
640
768
896 1024
Code
Temp = - 40oC to +125oC
-3.5
-2.5
-1.5
-0.5
0.5
1.5
0
128
256
384
512
640
768
896 1024
Code
125
oC
85
oC
25
oC
- 40
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48